PART |
Description |
Maker |
1-1825059-8 |
DIP, Rotary DIP, SIP Switches and DIP Shunts - Standard; ADF04STTR04=DIP S,FLUSH,SMT-GW ( Tyco Electronics )
|
Tyco Electronics
|
1-1825059-6 |
DIP, Rotary DIP, SIP Switches and DIP Shunts - Standard; ADF04SATTR04=DIP,FLUSH,SMT-JL ( Tyco Electronics )
|
Tyco Electronics
|
DRR8016C DRS7110C DRS7116C |
Hyper-Miniature Dip Rotary Switches
|
Copal Electronics
|
CRD10RM0CB CRD10RM0SB CRD16RM0CB CRD16RM0AB |
10mm DIP Coded Rotary Switches
|
C&K Components
|
RD83THS108STR RD83THS108STB RD83THS108RTR RD83THS1 |
10 x 10 mm Sealed Rotary DIP Switches (THR)
|
GREATECS
|
TP30-180RL TP30-130RL TP30-100RL TP30-120RL TP30-1 |
DIP Switch; No. of Switch Positions:9; Circuitry:SPST; Contact Current Max:100mA; Switch Terminals:SMT Gull Wing; Pitch Spacing:2.54mm; Series:BPA; Actuator Style:Side RoHS Compliant: Yes DIP / Rotary DIP 的TRISIL
|
ST Microelectronics STMicroelectronics
|
SDA08H0B SDA08H0BD SDA08H0SB SDA10H1SBD SDA10H0B S |
Low Profile DIP Switches SLIDE DIP SWITCH-3SWITCHES, SPST, LATCHED,0.1A, 50VDC, THROUGH HOLE-STRAIGHT
|
C&K Components C & K COMPONENTS INC
|
76PSB08T 76PSB07T 76RSB08T 76RSB05T 76SB12T 76PSB0 |
SPST Rocker DIP Switches PIANO DIP SWITCH-8SWITCHES, SPST, MOMENTARY,0.15A, 30VDC, THROUGH HOLE-RIGHT ANGLE SPST Rocker DIP Switches PIANO DIP SWITCH-7SWITCHES, SPST, MOMENTARY,0.15A, 30VDC, THROUGH HOLE-RIGHT ANGLE SPST Rocker DIP Switches SLIDE DIP SWITCH-8SWITCHES, SPST, LATCHED,0.15A, 30VDC, THROUGH HOLE-STRAIGHT SPST Rocker DIP Switches SLIDE DIP SWITCH-5SWITCHES, SPST, LATCHED,0.15A, 30VDC, THROUGH HOLE-STRAIGHT SPST Rocker DIP Switches SLIDE DIP SWITCH-12SWITCHES, SPST, LATCHED,0.15A, 30VDC, THROUGH HOLE-STRAIGHT
|
Grayhill, Inc. GRAYHILL INC
|
94HCB08RART 94HBB08RART 94HAB08WRT 94HAB08RART 94H |
Thru-Hole DIP Switches ROTARY CODED SWITCH-8POSITIONS, OCTAL COMPLEMENT, LATCHED, THROUGH HOLE-STRAIGHT
|
Grayhill, Inc GRAYHILL INC
|
76PSB12ST 76RSB03ST 76RSB06ST 76PSB07ST 76RSB04ST |
SPST Rocker DIP Switches PIANO DIP SWITCH-12SWITCHES, SPST, MOMENTARY,0.15A, 30VDC, THROUGH HOLE-STRAIGHT SPST Rocker DIP Switches SLIDE DIP SWITCH-3SWITCHES, SPST, LATCHED,0.15A, 30VDC, THROUGH HOLE-STRAIGHT SPST Rocker DIP Switches SLIDE DIP SWITCH-6SWITCHES, SPST, LATCHED,0.15A, 30VDC, THROUGH HOLE-STRAIGHT Raised and Recessed, Rocker and PIANO-DIP Styles Raised and Recessed, Rocker and PIANO-DIP? Styles PIANO DIP SWITCH-9SWITCHES, SPST, MOMENTARY,0.15A, 30VDC, THROUGH HOLE-STRAIGHT
|
Grayhill, Inc. GRAYHILL INC
|
SLOTTEN-4-17 SLOTTEN-2-17 SLOTTEN-3-17 SLOTTEN-5-1 |
SHIELDED, 288 uH - 432 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 286 uH - 630 uH, VARIABLE INDUCTOR DIP-5 SHIELDED, 230 uH - 310 uH, VARIABLE INDUCTOR DIP-5 SHIELDED, 72 uH - 163 uH, VARIABLE INDUCTOR DIP-5 SHIELDED, 303 uH - 765 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 66 uH - 136 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 67.2 uH - 100.2 uH, VARIABLE INDUCTOR DIP-5 SHIELDED, 52.7 uH - 71.3 uH, VARIABLE INDUCTOR DIP-5 SHIELDED, 67.2 uH - 100.8 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 280 uH - 432 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 1.76 uH - 2.64 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 1.2 uH - 1.8 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 2.4 uH - 5.4 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 1.25 uH - 2.75 uH, VARIABLE INDUCTOR DIP-5 SHIELDED, 2.9 uH - 3.9 uH, VARIABLE INDUCTOR DIP-5 SHIELDED, 18.7 uH - 25.3 uH, VARIABLE INDUCTOR DIP-5
|
Coilcraft, Inc.
|
|